PART |
Description |
Maker |
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
2SC2673C1 2SA1555TL2B 2SD1919TL3 2SD1919TL2 2SC202 |
1000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 300 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
KRC284U KRC286U |
300 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
BF393RL |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON SEMICONDUCTOR
|
2SC4366ZI-UR 2SC4366ZI-01 2SC4366ZI-UL 2SC4366ZI-T |
300 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR MPAK-3
|
Air Cost Control Panduit, Corp.
|
BSS73 |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
MOTOROLA INC
|
UFMMT497TA |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
MPSW42RLRB |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA INC
|
KSP44IUBU KSP44IUTA |
300 mA, 400 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
DDTC144VUA-7 DDTC123JUA-7 DDTC143XUA-13 |
TRANS PREBIASED NPN 200MW SOT323 30 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES INC
|
ZTX849SMTA X957SMTA FXT704STOA |
5 A, 30 V, NPN, Si, POWER TRANSISTOR 1 A, 300 V, PNP, Si, POWER TRANSISTOR 1000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC DIODES INC
|
|